Part Number Hot Search : 
UTC79L05 CAT4101 30150 193891 CY8C2 GP1L27 C1390 UMP11N11
Product Description
Full Text Search
 

To Download BDT92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors BDT92 d escription with to-220c package complement to type bdt91 applications for use in general purpose power amplifier and switching applications pinning pin description 1 emitter 2 collector;connected to mounting base 3 base absolute maximum ratings (ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -60 v v ceo collector-emitter voltage open base -60 v v ebo emitter-base voltage open collector -5 v i c collector current -10 a i b base current -6 a p c collector power dissipation t c . 25 90 w t j junction temperature 150 t stg storage temperature -55~150 thermal characteristics symbol parameter max unit r th j-c thermal resistance junction to case 1.39 /w downloaded from: http:///
savantic semiconductor product specification 2 silicon pnp power transistors BDT92 c haracteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =-100ma; i b =0 -60 v v cesat-1 collector-emitter saturation voltage i c =-3 a;i b =-0.3 a -1.1 v v cesat-2 collector-emitter saturation voltage i c =-10 a;i b =-3.3 a -3.0 v v be base-emitter voltage i c =-4a ; v ce =-4v -1.6 v i cbo collector cut-off current v cb =-60v; i e =0 -0.1 ma i ceo collector cut-off current v ce =-30v; i b =0 -1.0 ma i ebo emitter cut-off current v eb =-5v; i c =0 -1.0 ma h fe-1 dc current gain i c =-4a ; v ce =-4v 20 200 h fe-2 dc current gain i c =-10a ; v ce =-4v 5 f t transition frequency i c =-0.5a ; v ce =-10v 4 mhz downloaded from: http:///
savantic semiconductor product specification 3 silicon pnp power transistors BDT92 package outline fig.2 outline dimensions (unindicated tolerance:0.10 mm) downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of BDT92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X